Part Number Hot Search : 
LDBK4741 LM293ST 6ABST 74VHC1 JF15CP4C 0V8X20 DG270611 P2500
Product Description
Full Text Search
 

To Download MAL219946271E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 199 PEL-SI
Vishay BCcomponents
Aluminum Capacitors Power Economy Long Life Snap-In
FEATURES
aluminum capacitors, non-solid electrolyte * Large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve * Useful life: 3000 hours at 105 C
* Polarized
RoHS
COMPLIANT
APPLICATIONS
Consumer and industrial electronics: * Whitegood motor control * Electronic drives * Smps/ups
Fig.1 Component outlines
MARKING
199 LONGER LIFE 159 SMALLER DIMENSIONS 059
105 C
105 C
105 C
197
LONGER LIFE
157
SMALLER DIMENSIONS
057
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Name of manufacturer * Date code * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number (last 8 digits) * Maximum operating temperature
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C and 1.6 x IR applied Shelf life at 0 V, 105 C Based on sectional specification VALUE 22 x 25 to 35 x 50 47 to 2200 F 20 % 160 V; 200 V; 250 V; 400 V; 450 V - 25 to + 105 C 2000 hours 3000 hours 300 000 hours 500 hours IEC 60384-4/EN130300/W of JISC5141
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 47 56 68 82 100 120 www.vishay.com 96 160 200 UR (V) 250 400 22 x 25 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 35 25 x 30 30 x 25 450 22 x 25 22 x 30 22 x 25 22 x 35 22 x 40 25 x 30 30 x 25 25 x 35 Document Number: 28363 Revision: 08-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
199 PEL-SI
Aluminum Capacitors Power Economy Long Life Snap-In
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 150 160 22 x 25 22 x 30 22 x 35 22 x 40 25 x 30 25 x 35 25 x 40 30 x 30 35 x 25 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 45 35 x 50 200 22 x 35 22 x 35 25 x 30 30 x 25 30 x 30 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 45 35 x 35 30 x 50 35 x 45 35 x 50 UR (V) 250 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 30 30 x 25 25 x 35 30 x 30 25 x 40 30 x 30 35 x 25 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 35 x 40 35 x 40 35 x 45 35 x 45 35 x 50 400 22 x 40 25 x 35 30 x 30 25 x 40 30 x 30 35 x 25 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 35 x 45 35 x 50 450 25 x 40 30 x 30 35 x 25 30 x 35 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 -
180
220
270 330 390
470
560
680
820 1000 1200 1500 1800 2200
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD
+ TERMINAL L - TERMINAL
L + 2 max.
10 0.1
Bottom view
+1 6.3 - 1 mm
O 2 0.1 (2x)
The minus terminal can be marked with a black dot or with an imprinted sign
Fig.2 Two terminal snap-in
Fig.2 Mounting hole diagram
Document Number: 28363 Revision: 08-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 97
199 PEL-SI
Vishay BCcomponents
Table 1
Aluminum Capacitors Power Economy Long Life Snap-In
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 22 x 45 22 x 50 25 x 25 25 x 30 25 x 35 25 x 40 25 x 45 25 x 50 30 x 25 30 x 30 30 x 35 30 x 40 30 x 45 30 x 50 35 x 25 35 x 30 35 x 35 35 x 40 35 x 45 35 x 50 O Dmax. 22.5 22.5 22.5 22.5 22.5 22.5 25.5 25.5 25.5 25.5 25.5 25.5 30.5 30.5 30.5 30.5 30.5 30.5 35.5 35.5 35.5 35.5 35.5 35.5 Lmax. 25.5 30.5 35.5 40.5 45.5 50.5 25.5 32.0 35.5 40.5 45.5 50.5 27.5 32.5 37.5 41.5 46.5 51.5 25.5 32.5 35.5 41.5 46.5 51.5 MASS (g) 12 16 20 23 26 29 20 22 24 27 32 38 25 30 35 40 45 50 33 40 48 55 63 72 PACKAGING QUANTITIES 216 216 144 144 144 72 216 216 144 144 144 144 168 168 112 112 112 112 126 126 84 84 84 84 CARDBOARD BOX DIMENSIONS LxWxH 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR DESCRIPTION rated capacitance at 120 Hz rated RMS ripple current at 120 Hz, 105 C max. leakage current after 5 minutes at UR max. equivalent series resistance at 120 Hz (1)
ORDERING EXAMPLE
Electrolytic capacitor 199 series 820 F/160 V; 20 % Nominal case size: O 25 x 40 mm Ordering code: MAL2 199 51821 E3 Former 12NC: 2222 199 51821
Notes (1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz. (2) Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 330 390 470 560 560 680 820 820 820 1000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 35 22 x 40 25 x 30 25 x 35 25 x 40 30 x 30 35 x 25 30 x 35 IR 120 Hz (A) 1.00 1.17 1.35 1.53 1.42 1.60 1.80 1.67 1.44 1.86 IL5 (mA) 1.06 1.25 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR 120 Hz (1) () 0.50 0.43 0.35 0.30 0.30 0.24 0.20 0.20 0.30 0.17 MAX. Z 10 kHz (m) 316 260 216 183 199 170 144 166 219 144 ORDERING CODE MAL2199....... 51331E3 51391E3 51471E3 51561E3 41561E3 51681E3 51821E3 41821E3 31821E3 41102E3
160
www.vishay.com 98
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28363 Revision: 08-Aug-08
199 PEL-SI
Aluminum Capacitors Power Economy Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 1000 1200 1200 1200 1500 1500 1800 1800 2200 330 390 390 470 560 680 680 820 820 820 1000 1000 1200 1500 1800 220 220 270 270 270 330 330 330 390 390 470 470 470 560 560 680 680 820 820 820 1000 1000 1200 1200 NOMINAL CASE SIZE ODxL (mm) 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 45 35 x 50 22 x 35 22 x 35 25 x 30 30 x 25 30 x 30 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 45 35 x 35 30 x 50 35 x 45 35 x 50 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 30 30 x 25 25 x 35 30 x 30 25 x 40 30 x 30 35 x 25 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 35 x 40 35 x 40 35 x 45 35 x 45 35 x 50 IR 120 Hz (A) 1.82 2.24 2.06 1.81 2.30 1.97 2.51 2.45 2.66 1.19 1.27 1.27 1.28 1.53 1.57 1.36 2.04 1.75 1.72 2.14 1.90 2.36 2.31 2.52 1.14 0.94 1.11 1.12 1.11 1.27 1.20 1.17 1.35 1.38 1.52 1.43 1.28 1.60 1.59 1.79 1.76 2.00 1.77 1.96 1.96 2.17 2.16 2.38 IL5 (mA) 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.32 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.10 1.10 1.35 1.35 1.35 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR 120 Hz (1) () 0.25 0.14 0.21 0.21 0.11 0.17 0.09 0.14 0.11 0.50 0.43 0.43 0.35 0.30 0.24 0.37 0.20 0.20 0.30 0.17 0.25 0.14 0.17 0.14 0.75 0.75 0.61 0.61 0.61 0.50 0.50 0.50 0.43 0.43 0.35 0.35 0.53 0.30 0.44 0.24 0.37 0.20 0.30 0.30 0.25 0.25 0.21 0.21 MAX. Z 10 kHz (m) 157 105 124 152 106 134 92 102 90 241 212 219 231 180 167 225 115 146 160 113 140 98 104 92 294 317 240 247 274 199 216 250 186 196 158 181 240 158 172 135 150 116 147 130 127 111 110 98 ORDERING CODE MAL2199....... 31102E3 51122E3 41122E3 31122E3 51152E3 41152E3 51182E3 41182E3 51222E3 42331E3 42391E3 52391E3 52471E3 52561E3 52681E3 62681E3 32821E3 42821E3 52821E3 42102E3 52102E3 42122E3 52152E3 52182E3 43221E3 53221E3 43271E3 53271E3 63271E3 33331E3 43331E3 53331E3 43391E3 53391E3 33471E3 43471E3 53471E3 53561E3 63561E3 43681E3 53682E3 43821E3 53821E3 63821E3 53102E3 63102E3 43122E3 53122E3 www.vishay.com 99
Vishay BCcomponents
160
200
250
Document Number: 28363 Revision: 08-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
199 PEL-SI
Vishay BCcomponents
Aluminum Capacitors Power Economy Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 47 56 68 82 82 100 100 120 120 120 150 150 150 180 180 180 220 220 270 270 270 330 330 390 390 470 470 560 56 68 68 82 100 100 100 120 150 150 150 180 220 220 270 270 330 330 390 470 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 30 25 x 40 30 x 30 35 x 25 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 25 x 35 25 x 40 30 x 30 35 x 25 30 x 35 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 IR 120 Hz (A) 0.41 0.45 0.49 0.57 0.58 0.66 0.67 0.72 0.73 0.75 0.84 0.85 0.89 0.97 0.96 0.94 1.09 1.12 1.25 1.24 1.19 1.41 1.34 1.56 1.50 1.68 1.68 1.85 0.46 0.53 0.54 0.62 0.71 0.69 0.71 0.78 0.91 0.90 0.89 1.02 1.16 1.12 1.31 1.26 1.48 1.42 1.58 1.76 IL5 (mA) 0.38 0.45 0.54 0.66 0.66 0.80 0.80 0.96 0.96 0.96 1.20 1.20 1.20 1.44 1.44 1.44 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 0.50 0.61 0.61 0.74 0.90 0.90 0.90 1.08 1.35 1.35 1.35 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR 120 Hz (1) () 5.29 4.44 3.66 3.03 3.03 2.49 2.49 2.07 2.07 2.07 1.66 1.66 1.66 1.38 1.38 1.38 1.13 1.13 0.92 0.92 0.92 0.75 0.75 0.64 0.64 0.53 0.53 0.44 4.44 3.66 3.66 3.03 2.49 2.49 2.49 2.07 1.66 1.66 1.66 1.38 1.13 1.13 0.92 0.75 0.75 1.13 0.64 0.53 MAX. Z 10 kHz (m) 3127 2635 2161 1788 1808 1467 1472 1231 1238 1266 990 997 1006 835 854 907 707 719 564 582 611 480 510 410 435 365 365 311 2161 1776 1797 1473 1211 1225 1254 1025 826 847 902 712 588 618 484 515 402 429 365 309 ORDERING CODE MAL2199....... 56479E3 56569E3 56689E3 46829E3 56829E3 46101E3 56101E3 46121E3 56121E3 66121E3 36151E3 46151E3 56151E3 36181E3 46181E3 56181E3 56221E3 66221E3 46271E3 56271E3 66271E3 56331E3 66331E3 46391E3 56391E3 56471E3 66471E3 56561E3 57569E3 47689E3 57689E3 57829E3 37101E3 47101E3 57101E3 57121E3 47151E3 57151E3 67151E3 57181E3 47221E3 57221E3 47271E3 57271E3 47331E3 57331E3 57391E3 57471E3
400
450
Note (1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz www.vishay.com 100 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28363 Revision: 08-Aug-08
199 PEL-SI
Aluminum Capacitors Power Economy Long Life Snap-In
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Table 3 400 V versions 250 V versions 1V After 5 minutes at UR All case sizes US = 1.1 x UR US = 1.15 x UR IL5 0.02 CR x UR or 1.5 mA, whichever is smaller 19 nH typical/25 nH max. CONDITIONS VALUE
Vishay BCcomponents
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION Impedance ratio Z (- 25 C)/Z (+ 20 C) UR (V) (1) 160 4 200 4 250 4 400 4 450 4
Note (1) Impedance ratio shall not exceed the given values
RIPPLE CURRENT AND USEFUL LIFE
MGA454
2.7 IA IR 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9
12 1. 5 1. 2
life multiplier
1.8 1.7 1.6
2. 5 3 4 5 7
1.5 1.4
10 15 20 30 40 60 0 10 0 15 0 20 0 30 0 40 0 60
IA = Actual ripple current at 120 Hz IR = Rated ripple current at 120 Hz and 105 C
(1)
1.3
Useful life at 105 C and IR applied: 3000 hours
1.2 1.1 1.0 0.8 0.5 0.0 40
(1)
50
60
70
80
90
100 110 Tamb ( oC)
Fig.4 Multiplier of useful life as a function of ambient temperature and ripple current load Document Number: 28363 Revision: 08-Aug-08 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com 101
199 PEL-SI
Vishay BCcomponents
Table 4
Aluminum Capacitors Power Economy Long Life Snap-In
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 120 500 1000 10 000 IR MULTIPLIER 0.90 0.95 1.00 1.20 1.30 1.40
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 CECC 30301 subclause 1.8.1 PROCEDURE (QUICK REFERENCE) Tamb = 105 C; UR applied: 2000 hours REQUIREMENTS DC/C: 15 % ESR 1.3 x spec. limit IL5 spec. limit DC/C: 30 % ESR 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: 3 % DC/C: 20 % ESR 2 x spec. limit IL5 1 x spec. limit
Useful life
Tamb = 105 C; UR and IR applied: 3000 hours
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 105 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement
www.vishay.com 102
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28363 Revision: 08-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL219946271E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X